Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90347CEPFV Datasheet(PDF) 51 Page - fujitsu semiconductor

Part # MB90347CEPFV
Description  16-bit Proprietary Microcontroller CMOS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CEPFV Datasheet(HTML) 51 Page - fujitsu semiconductor

Back Button MB90347CEPFV Datasheet HTML 47Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 48Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 49Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 50Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 51Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 52Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 53Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 54Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 55Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 85 page
background image
MB90340E Series
51
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1: This parameter is based on VSS
= AVSS = 0 V
*2: Set AVCC and VCC to the same voltage. Make sure that AVCC does not exceed VCC and that the voltage at the
analog inputs does not exceed AVCC when the power is switched on.
*3: VI and VO should not exceed VCC
+ 0.3 V. VI should not exceed the specified ratings. However if the maximum
current to/from an input is limited by some means with external components, the ICLAMP rating supersedes the VI
rating.
*4: Applicable to pins: P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P90 to P97, PA0, PA1
*5:
• Applicable to pins: P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47,
P50 to P57 (Evaluation device : P50 to P55) , P60 to P67, P70 to P77, P80 to P87,
P90 to P97, PA0 to PA1
• Use within recommended operating conditions.
• Use with DC voltage (current)
• The +B signal should always be applied by using a limiting resistance placed between the +B signal and the
microcontroller.
• The value of the limiting resistance should be set so that when the +B signal is applied, the input current to
the microcontroller pin does not exceed the rated value, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this may affect
other devices.
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
= AVCC*2
AVRH,
AVRL
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVRH, AVCC ≥ AVRL,
AVRH
≥ AVRL
Input voltage*1
VI
VSS
− 0.3 VSS + 6.0
V
*3
Output voltage*1
VO
VSS
− 0.3 VSS + 6.0
V
*3
Maximum Clamp Current
ICLAMP
−4.0
+4.0
mA
*5
Total Maximum Clamp Current
Σ|ICLAMP|
⎯
40
mA
*5
“L” level maximum output current
IOL
⎯
15
mA
*4
“L” level average output current
IOLAV
⎯
4mA
*4
“L” level maximum overall output current
ΣIOL
⎯
100
mA
*4
“L” level average overall output current
ΣIOLAV
⎯
50
mA
*4
“H” level maximum output current
IOH
⎯−15
mA
*4
“H” level average output current
IOHAV
⎯−4mA *4
“H” level maximum overall output current
ΣIOH
⎯−100
mA
*4
“H” level average overall output current
ΣIOHAV
⎯−50
mA
*4
Power consumption
PD
⎯
340
mW MB90F347E
Operating temperature
TA
−40
+105
°C
Storage temperature
TSTG
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com