Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS16 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # BAS16
Description  BAS16 SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAS16 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  BAS16 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAS16 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAS16 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAS16 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0583, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAS16
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage*
V(BR)R
75
-
V
@IBR=100uA
Forward Voltage*
VF
-
0.855
V
@IF=10mA
Reverse Leakage Current*
IR
-
1.0
uA
@VR=75V
Junction Capacitance
Cj
-
2.0
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-
6.0
ns
IF=IR=10mA,
IRR=0.1×IR, RL=100Ω
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Device mounted on fiberglass substrate 40×40×1.5mm
Electrical Characteristics @TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com