Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV21W Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # BAV21W
Description  BAV19W-BAV21W SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAV21W Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  BAV21W Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAV21W Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAV21W Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAV21W Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0591, Rev. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAV19W-BAV21W
* Pulse width < 300 µs, duty cycle < 2%
Electrical Characteristics@TA=25°C unless otherwise specified
Characteristic
Symbol
Test Condition
Min
Typ
Max
Units
Forward Voltage*
VF
IF=100mA
IF=200mA
-
-
1.0
1.25
V
Reverse Leakage Current*
BAV19W
BAV20W
BAV21W
IR
VR=100V
VR=150V
VR=200V
-
-
0.1
0.1
0.1
μA
Diode capacitance
CT
VR=0V,f=1.0MHz
-
-
5
pF
Reverse recovery time
trr
IF= IR=30mA, Irr=0.1×IR,RL=100Ω
-
-
50
ns
Ratings and Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com