Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV99W Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # BAV99W
Description  BAV99W SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAV99W Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  BAV99W Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAV99W Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAV99W Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAV99W Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0596, Rev. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAV99W
Characteristics
Symbol
Condition
Max.
Units
Forward Voltage Drop*
VF
@ 10mA, Pulse, TJ = 25 C
@ 50mA, Pulse, TJ = 25 C
0.855
1.0
V
Reverse Current*
IR1
@VR = 75V, Pulse, TJ = 25 C
2.5
μA
Junction Capacitance
CT
@VR = 0 V, Tc=25℃, fSIG = 1MHz
2
pF
Reverse Recovery Time
trr
IF=10mA=IR = 10mA, Irr =1 mA RL=100Ω
6
ns
* Pulse width < 300 µs, duty cycle < 2%
Electrical Characteristics @TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com