Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C2001-90C6TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # M27C2001-90C6TR
Description  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-90C6TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M27C2001-90C6TR Datasheet HTML 17Page - STMicroelectronics M27C2001-90C6TR Datasheet HTML 18Page - STMicroelectronics M27C2001-90C6TR Datasheet HTML 19Page - STMicroelectronics M27C2001-90C6TR Datasheet HTML 20Page - STMicroelectronics M27C2001-90C6TR Datasheet HTML 21Page - STMicroelectronics M27C2001-90C6TR Datasheet HTML 22Page - STMicroelectronics M27C2001-90C6TR Datasheet HTML 23Page - STMicroelectronics M27C2001-90C6TR Datasheet HTML 24Page - STMicroelectronics M27C2001-90C6TR Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Package mechanical data
M27C2001
21/25
Table 14.
PLCC32 - 32 lead Plastic Leaded Chip Carrier, Package Mechanical Data
Figure 12.
PLCC32 - 32 lead Plastic Leaded Chip Carrier, Package Outline
1.
Drawing is not to scale.
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.54
3.56
0.100
0.140
A1
1.52
2.41
0.060
0.095
A2
0.38
0.015
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
D
12.32
12.57
0.485
0.495
D1
11.35
11.56
0.447
0.455
D2
9.91
10.92
0.390
0.430
e
1.27
0.050
E
14.86
15.11
0.585
0.595
E1
13.89
14.10
0.547
0.555
E2
12.45
13.46
0.490
0.530
F
0.00
0.25
0.000
0.010
R
0.89
0.035
N32
32
Nd
7
7
Ne
9
9
CP
0.10
0.004
PLCC-B
D
E3
E1 E
1 N
D1
Nd
CP
B
E2
e
B1
A1
A
R
0.51 (.020)
1.14 (.045)
F
A2
E2
D2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com