Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCS3530 Datasheet(PDF) 1 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 1 Page - ams AG

  TCS3530 Datasheet HTML 1Page - ams AG TCS3530 Datasheet HTML 2Page - ams AG TCS3530 Datasheet HTML 3Page - ams AG TCS3530 Datasheet HTML 4Page - ams AG TCS3530 Datasheet HTML 5Page - ams AG TCS3530 Datasheet HTML 6Page - ams AG TCS3530 Datasheet HTML 7Page - ams AG TCS3530 Datasheet HTML 8Page - ams AG TCS3530 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
Datasheet, Public
Page 1
[v3-00] 2023-Jun-23
Document Feedback
TCS3530
Fully Embedded, True Color Ambient
Light Sensor with Selective Flicker
Detection
The TCS3530 features true color XYZ ambient light detection,
as well as flicker detection up to 7kHz. The device comes in a
small footprint 8-pin optical module with a dimension of
L2.50mm x W1.80mm x H1.50mm. The optical module is fully
embedded offering an integrated aperture and integrated
diffuser. This unparalleled scale of integration, containing the
photodiodes, aperture and diffuser, as well as precise distances
between these key optical elements, allows accurate
pre-calibration in final optical device test.
The ambient light detection function provides eight concurrent
ambient light sensing channels with independent gain
configuration. These channels can be arbitrarily connected to
the 27 photodiodes. A built-in sequencer enables automated
measurements without the need to reprogram the device after
every measurement cycle. All photodiodes are covered with an
UV/IR blocking filter. This architecture accurately measures
ambient light and calculates illuminance, chromaticity, and
correlated color temperature (CCT ) to manage display
appearance.
The device also integrates direct detection of ambient light
flicker up to 7kHz. This extended sampling range enables flicker
detection from either conventional mains powered 50Hz/60Hz
AC light sources as well as modern PDM controlled LED lighting
systems. Flicker detection is executed in parallel with ambient
light sensing and has independent gain configuration. The
flicker detection engine will sample and buffer data for
calculating flicker frequencies externally on a host CPU.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - TCS3530

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS3530 OSRAM-TCS3530 Datasheet
2Mb / 106P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
v3-00 2023-Jun-23
TCS35303-2 OSRAM-TCS35303-2 Datasheet
2Mb / 106P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
v3-00 2023-Jun-23
TCS35303-2M OSRAM-TCS35303-2M Datasheet
2Mb / 106P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
v3-00 2023-Jun-23
More results

Similar Description - TCS3530

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor
20-Jul-12
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
ams AG
TCS3707 AMSCO-TCS3707 Datasheet
94Kb / 4P
ALS/Color Sensor with Flicker Detection
2018-Dec-19
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
Ambient Light Sensor
Ver.2014-12-02
logo
ams AG
TCS3408 AMSCO-TCS3408 Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com