Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN1032UCP4-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN1032UCP4-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1032UCP4-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN1032UCP4-7 Datasheet HTML 1Page - Diodes Incorporated DMN1032UCP4-7 Datasheet HTML 2Page - Diodes Incorporated DMN1032UCP4-7 Datasheet HTML 3Page - Diodes Incorporated DMN1032UCP4-7 Datasheet HTML 4Page - Diodes Incorporated DMN1032UCP4-7 Datasheet HTML 5Page - Diodes Incorporated DMN1032UCP4-7 Datasheet HTML 6Page - Diodes Incorporated DMN1032UCP4-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN1032UCP4
Document number: DS44710 Rev. 1 - 2
2 of 7
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DMN1032UCP4
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
12
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
5.0
4.0
A
Continuous Drain Current (Note 5) VGS = 2.5V
Steady
State
TA = +25°C
TA = +70°C
ID
4.8
3.8
A
Pulsed Drain Current (Note 6)
IDM
15
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 7)
PD
0.79
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 7)
RθJA
158
°C/W
Thermal Resistance, Junction to Case @TC = +25°C (Note 7)
RθJC
31.3
°C/W
Power Dissipation (Note 5)
PD
1.01
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
124
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
12
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1.0
µA
VDS = 9.6V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
0.4
0.8
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
18
28
mΩ
VGS = 4.5V, ID =1A
—
21
32
VGS = 2.5V, ID = 1A
—
27
42
VGS = 1.8V, ID = 1A
Diode Forward Voltage
VSD
—
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
325
—
pF
VDS = 6V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
183
—
Reverse Transfer Capacitance
Crss
—
31
—
Series Gate Resistance
RG
—
3.1
—
Ω
f = 1MHz, VGS = 0V, VDS = 0V
Total Gate Charge
Qg
—
3.2
—
nC
VGS = 4.5V, VDS = 6V,
ID = 1A
Gate-Source Charge
Qgs
—
0.4
—
Gate-Drain Charge
Qgd
—
0.3
—
Gate Charge at Vth
Qg(th)
—
0.2
—
Turn-On Delay Time
tD(on)
—
3.3
—
ns
VDS = 6V, VGS = 4.5V,
RG = 20Ω, ID = 1A
Turn-On Rise Time
tr
—
5.6
—
Turn-Off Delay Time
tD(off)
—
24
—
Turn-Off Fall Time
tf
—
9
—
Notes:
5. Device mounted on FR4 material with 1inch2 (6.45cm2), 2oz. (0.071mm thick) Cu.
6. Repetitive rating, pulse width limited by junction temperature.
7. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com