Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS9116AASD08 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9116AASD08
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116AASD08 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS9116AASD08 Datasheet HTML 3Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 4Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 5Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 6Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 7Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 8Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 9Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 10Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7 (18)
DA9116.005
22 November, 2005
ANALOG CHARACTERISTICS
N Analog Inputs/Outputs
(AVCC=+5.0 V, AVSS=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Resistance
RIN
For any gain
7
10
13
k
Ω
Input Capacitance
CIN
For any gain
2
pF
Input offset voltage
VIH
External OP277 amplifier,
Gain = 15.5 dB
Note 1
0.23
1
mV
Supply current
Supply current
IVCC
IGND
From AVCC
From AGND
2.5
2.5
5
5
mA
mA
Power supply
rejection ratio
1
PSRR
From AVCC
80
dB
Note 1. Output offset voltage depends on external opamp and selected gain. Low input offset voltage and input bias current opamp is
recommended to be used for minimum output offset. OP277 has excellent offset characteristics. Also OP1177 and AD8610 offer good
offset performance.
N Gain Control
(AVCC=+5.0 V, AVSS=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Gain range
G
-111.5
+15.5
dB
Step size
D
0.5
dB
Gain error
1
DE
Lowest gains guaranteed by design,
not tested in production.
0.5
dB
Gain match error
1
ME
Between channels
0.2
dB
Mute attenuation
MATT
113
dB
N Audio Performance
(AVCC=+5.0 V, AVSS=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Noise
1
N
Vin=0
Vout with OP275,
A-weighting
-gain=0dB
-gain=-60dB
-gain=mute
4
2.5
13
µ
Vrms
Total harmonic
distortion plus noise
THDN
Vin=6Vrms, gain=1,
Vout with OP275,
0…20kHz
0.01
%
Dynamic range
1
DR
120
130
dB
Crosstalk
1
CR
Between channels,
gain=1, fin=1kHz
-100
-110
dB
1 Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com