Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMZB320UPE Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMZB320UPE
Description  30 V, P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMZB320UPE Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMZB320UPE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMZB320UPE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMZB320UPE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMZB320UPE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMZB320UPE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMZB320UPE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMZB320UPE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMZB320UPE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMZB320UPE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMZB320UPE
30 V, P-channel Trench MOSFET
PMZB320UPE
All information provided in this document is subject to legal disclaimers.
Product data sheet
24 March 2015
4 / 15
aaa-017063
VDS (V)
-10-1
-102
-10
-1
-1
-10-1
-10
ID
(A)
-10-2
Limit RDSon = VDS/ID
DC; Tsp = 25 °C
DC; Tamb = 25 °C; 1 cm2
tp = 10 µs
100 µs
1 ms
10 ms
100 ms
Fig. 4. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
315
360
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[2]
-
145
165
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
17
20
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com