Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62T30B Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST62T30B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T30B Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST62T30B_03 Datasheet HTML 49Page - STMicroelectronics ST62T30B_03 Datasheet HTML 50Page - STMicroelectronics ST62T30B_03 Datasheet HTML 51Page - STMicroelectronics ST62T30B_03 Datasheet HTML 52Page - STMicroelectronics ST62T30B_03 Datasheet HTML 53Page - STMicroelectronics ST62T30B_03 Datasheet HTML 54Page - STMicroelectronics ST62T30B_03 Datasheet HTML 55Page - STMicroelectronics ST62T30B_03 Datasheet HTML 56Page - STMicroelectronics ST62T30B_03 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
53/84
ST62T30B ST62E30B
TIMINGS MEASUREMENT MODES (Cont’d)
4.3.3.2 Timing measurement without startup
control
The down counter is in free running mode with
RUNRES bit set and RELOAD bit cleared. This
means counter automatically restarts from FFFFh
on zero overflow and signal generation on PWM
and OVF pins is not affected.
Two independent capture paths exist to CP and
RLCP, which are both Read only registers. CP1 is
the source (Configurable polarity) for a capture
into RLCP while CP2 is the source (Configurable
polarity) of a capture into CP.
Independently of CP2 signal, if CP1FLG and
CP1ERR are cleared, the first active edge on CP1
will trigger a capture into RLCP, triggering
CP1FLG. As long as CP1FLG has not been
cleared, a second following active edge will trig
CP1ERR without any capture into neither RLCP
nor CP.
Independently of CP1 signal, if CP2FLG and
CP2ERR are cleared, the first active edge on CP2
will trigger a capture into CP, triggering CP2FLG.
As long as CP2FLG has not been cleared, a sec-
ond following active edge will trig CP2ERR without
any capture into neither RLCP or CP.
4.3.4 INTERRUPT CAPABILITIES
The interrupt source latches of the ARTIMER16
are always enabled and set any time the interrupt
condition occurs.
The interrupt output is a logical OR of five logical
ANDs:
– INT = [(CP1FLG & CP1IEN)
– OR (CP2FLG & CP2IEN)
– OR(OVFFLG & OVFIEN)
– OR(COMPFLG & CMPIEN)
– OR (ZEROFLG & ZEROIEN)]
Thus, if any enable bit is 1, the interrupt output of
the ARTIMER16 goes high when the respective
flag is set. If no enable bit is 1, and one of the in-
terrupt flags is set, the interrupt output remains 0,
but if the respective enable bit is set to 1 through a
write operation, the interrupt output will go high,
signalling the interrupt to the Core.
Figure 32. Positive CP1 - to negative CP2-Edge Measurement (CP1POL = 1, CP2POL = 0)
Application Note:
Depending on polarity setting for CP1/CP2, and of
CP1/CP2 connections, phase, period and pulse
width measurements can be achieved. The total
independence between CP1 and CP2 captures al-
lows phase detection by measuring which of
CP1FLG or CP2FLG is set at first following a reset
VR02006F
COUNTER
CP1
CP2
Capture into RLCP
Set CP1FLG
Set CP1ERR
Set CP2FLG
Capture into CP
Set CP2ERR
CP1=CP2
CP1POL=CP2POL
Measurement
Yes
Yes
Period
Yes
No
Pulse width
No
X
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com