Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62T30BB6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST62T30BB6
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T30BB6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST62T30BB6 Datasheet HTML 37Page - STMicroelectronics ST62T30BB6 Datasheet HTML 38Page - STMicroelectronics ST62T30BB6 Datasheet HTML 39Page - STMicroelectronics ST62T30BB6 Datasheet HTML 40Page - STMicroelectronics ST62T30BB6 Datasheet HTML 41Page - STMicroelectronics ST62T30BB6 Datasheet HTML 42Page - STMicroelectronics ST62T30BB6 Datasheet HTML 43Page - STMicroelectronics ST62T30BB6 Datasheet HTML 44Page - STMicroelectronics ST62T30BB6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
41/84
ST62T30B ST62E30B
I/O PORTS (Cont’d)
4.1.3 ARTimer alternate functions
As long as PWMEN (resp. OVFEN) bit is kept low,
the PA3/PWM (resp. PA2/OVF) pin is used as
standard I/O pin and therefore can be configured in
any mode through the DDR and OR registers.
If PWMEN (resp. OVFEN) bit is set, PA3/PWM (re-
sp. PA2/OVF) pin must be configured as output
through the DDR and OR registers to be used as
PWM (OVF) output of the ARTimer16. All output
modes are available.
PA4/CP1 or PA5/CP2 pins must be configured as
input through DDR register to allow CP1 or CP2
triggered input capture of the ARTimer16. All input
modes are available and I/O's can be read inde-
pendently of the ARTimer at any time. As long as
RLDSEL2, RLDSEL1 bits do not enable CP1 or
CP2 triggered capture, PA4/CP1 and PA5/CP2 are
standard I/O's configurable through DDR and OR
registers.
4.1.4 SPI alternate functions
PD2/Sin and PD1/Scl pins must be configured as
input through the DDR and OR registers to be
used as data in and data clock (Slave mode) for
the SPI. All input modes are available and I/O's
can be read independently of the SPI at any time.
PD3/Sout must be configured in open drain output
mode to be used as data out for the SPI. In output
mode, the value present on the pin is the port data
register content only if PD3 is defined as push pull
output, while serial transmission is possible only in
open drain mode.
4.1.5 UART alternate functions
PD4/RXD1 pin must be configured as input
through the DDR and OR registers to be used as
reception line for the UART. All input modes are
available and PD4 can be read independently of
the UART at any time.
PD5/TXD1 pin must be configured as output
through the DDR and OR registers to be used as
transmission line for the UART. Value present on
the pin in output mode is the Data register content
as long as no transmission is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com