Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C1001-70BTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # M27C1001-70BTR
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-70BTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M27C1001-70BTR Datasheet HTML 9Page - STMicroelectronics M27C1001-70BTR Datasheet HTML 10Page - STMicroelectronics M27C1001-70BTR Datasheet HTML 11Page - STMicroelectronics M27C1001-70BTR Datasheet HTML 12Page - STMicroelectronics M27C1001-70BTR Datasheet HTML 13Page - STMicroelectronics M27C1001-70BTR Datasheet HTML 14Page - STMicroelectronics M27C1001-70BTR Datasheet HTML 15Page - STMicroelectronics M27C1001-70BTR Datasheet HTML 16Page - STMicroelectronics M27C1001-70BTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
M27C1001
DC and AC characteristics
13/24
4
DC and AC characteristics
TA = 0 to 70°C, –40 to 85°C or –40 to 125°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC
TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V
Table 5.
Read Mode DC Characteristics (1)
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
0V
≤ V
IN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ V
OUT ≤ VCC
±10
µA
ICC
Supply Current
E = VIL, G = VIL,
IOUT = 0mA, f = 5MHz
30
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS E > VCC – 0.2V
100
µA
IPP
Program Current
VPP = VCC
10
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
2.
Maximum DC voltage on Output is VCC +0.5V.
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
Output High Voltage CMOS
IOH = –100µA
VCC – 0.7V
V
Table 6.
Programming Mode DC Characteristics (1)
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIL ≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
50
mA
IPP
Program Current
E = VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
VID
A9 Voltage
11.5
12.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com