Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C1001-12BTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M27C1001-12BTR
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-12BTR Datasheet(HTML) 5 Page - STMicroelectronics

  M27C1001-12BTR Datasheet HTML 1Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 2Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 3Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 4Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 5Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 6Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 7Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 8Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M27C1001
Summary description
5/24
1
Summary description
The M27C1001 is a 1 Mbit EPROM offered in the two ranges: UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited for microprocessor systems requiring
large programs and is organized as 131,072 words of 8 bits.
The FDIP32W (window ceramic frit-seal package) has a transparent lid that enables the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not
required, the M27C1001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages.
In order to meet environmental requirements, ST offers the M27C1001 in ECOPACK®
packages. ECOPACK packages are Lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK® specifications are available at: www.st.com.
See Figure 1: Logic Diagram and Table 1: Signal Descriptions for a brief overview of the
signals connected to this device.
Figure 1.
Logic Diagram
AI00710B
17
A0-A16
P
Q0-Q7
VPP
VCC
M27C1001
G
E
VSS
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com