Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS321AIYD/AIYDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS321AIYD/AIYDT
Description  Low Power Single Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321AIYD/AIYDT Datasheet(HTML) 2 Page - STMicroelectronics

  TS321AIYD/AIYDT Datasheet HTML 1Page - STMicroelectronics TS321AIYD/AIYDT Datasheet HTML 2Page - STMicroelectronics TS321AIYD/AIYDT Datasheet HTML 3Page - STMicroelectronics TS321AIYD/AIYDT Datasheet HTML 4Page - STMicroelectronics TS321AIYD/AIYDT Datasheet HTML 5Page - STMicroelectronics TS321AIYD/AIYDT Datasheet HTML 6Page - STMicroelectronics TS321AIYD/AIYDT Datasheet HTML 7Page - STMicroelectronics TS321AIYD/AIYDT Datasheet HTML 8Page - STMicroelectronics TS321AIYD/AIYDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Typical Application Schematics
TS321
2/12
1
Typical Application Schematics
Figure 1.
Typical application schematics
6mA
4mA
100mA
Q2
Q3
Q4
Q1
Inverting
input
Non-inverting
input
Q8
Q9
Q10
Q11
Q12
50mA
Q13
Output
Q7
Q6
Q5
R SC
VCC
C C
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com