Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS922AIN Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS922AIN
Description  Rail-to-rail high output current dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AIN Datasheet(HTML) 1 Page - STMicroelectronics

  TS922AIN Datasheet HTML 1Page - STMicroelectronics TS922AIN Datasheet HTML 2Page - STMicroelectronics TS922AIN Datasheet HTML 3Page - STMicroelectronics TS922AIN Datasheet HTML 4Page - STMicroelectronics TS922AIN Datasheet HTML 5Page - STMicroelectronics TS922AIN Datasheet HTML 6Page - STMicroelectronics TS922AIN Datasheet HTML 7Page - STMicroelectronics TS922AIN Datasheet HTML 8Page - STMicroelectronics TS922AIN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
January 2007
Rev 6
1/21
21
TS922
Rail-to-rail high output current dual operational amplifier
Features
■ Rail-to-rail input and output
■ Low noise: 9nV/√Hz
■ Low distortion
■ High output current: 80mA
(able to drive 32
Ω loads)
■ High-speed: 4MHz, 1V/
μs
■ Operating from 2.7V to 12V
■ Low input offset voltage: 900
μV max (TS922A)
■ ESD Internal protection: 2kV
■ Latch-up immunity
■ Macromodel included in this specification
■ Dual version available in flip-chip package
Description
The TS922 is a rail-to-rail dual BiCMOS
operational amplifier optimized and fully specified
for 3V and 5V operation.
The device’s high output current allows low-load
impedances to be driven.
Very low noise, low distortion, low offset and a
high output current capability make this device an
excellent choice for high quality, low voltage or
battery operated audio systems.
The device is stable for capacitive loads up to
500pF.
Applications
■ Headphone amplifier
■ Sound cards, multimedia systems
■ Line driver, actuator driver
■ Servo amplifier
■ Mobile phone and portable equipment
■ Instrumentation with low noise as key factor
■ Piezoelectric speaker driver
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
J
(Flip-chip)
www.st.com


Similar Part No. - TS922AIN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922AID STMICROELECTRONICS-TS922AID Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
TS922AIPT STMICROELECTRONICS-TS922AIPT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
TS922AIST STMICROELECTRONICS-TS922AIST Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
TS922AIYDT STMICROELECTRONICS-TS922AIYDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
More results

Similar Description - TS922AIN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
RobuST, rail-to-rail, high output current dual operational amplifier
08-Oct-2014
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com