Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSH690ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH690ID
Description  40MHz to 1GHz AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690ID Datasheet(HTML) 3 Page - STMicroelectronics

  TSH690ID Datasheet HTML 1Page - STMicroelectronics TSH690ID Datasheet HTML 2Page - STMicroelectronics TSH690ID Datasheet HTML 3Page - STMicroelectronics TSH690ID Datasheet HTML 4Page - STMicroelectronics TSH690ID Datasheet HTML 5Page - STMicroelectronics TSH690ID Datasheet HTML 6Page - STMicroelectronics TSH690ID Datasheet HTML 7Page - STMicroelectronics TSH690ID Datasheet HTML 8Page - STMicroelectronics TSH690ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TSH690
3/14
ELECTRICAL DC CHARACTERISTICS
Tamb = 25°C, V
CC connected to Vbias, ZL = 50Ω (unless otherwise specified)
TSH690 DISSIPATION CONSIDERATIONS
In order to respect the dissipation limitation of the
package, you should consider the following equa-
tion:
with:
R
th(j-a) = junction ambient thermal resistance
T
j (°C) = max. junction temperature (150°C)
T
amb (°C) = ambient temperature
Pd (W) = maximum dissipated power
The respect of this condition forms a safe area on
the following figure:
Figure 1 : Dissipation capability vs T ambient
If VBIAS is DC connected to VCC, the operating
temperature can be directly determined without
determining ICC, thanks to the direct reading
curve:
Figure 2 : Maximum Tamb vs VCC
In applications using a duty cycle, the average dis-
sipation is less than in continuous mode. The fol-
lowing figure gives the relation beetween the dis-
sipated power and the duty cycle.
Figure 3 : Dissipation vs Duty cycle
Parameter
Min.
Typ.
Max.
Unit
Supply Current
Vcc = 2V
Vcc = 2.7V
Vcc = 3V
Vcc = 4V
Vcc = 5V
33
29
46
53
79
105
mA
Rth-(j-a): Junction Ambient Thermal Resistance for SO-8 Package
140
180
°C/W
T
j - Tamb = Pd • Rth(j-a)
-40 -30 -20 -10 0
102030 40 5060708090
0
100
200
300
400
500
600
700
800
900
SAFE
AREA
V
BIAS
= V
CC
R
TH
= 180°C/W
T
AMB
(°C)
01
23456
0
20
40
60
80
100
120
140
160
SAFE
AREA
V
BIAS
=V
CC
R
THmax
=180°C/W
V
CC
(V)
0
102030405060
708090
100
0
100
200
300
400
500
600
700
800
900
V
CC
= 5V
V
CC
= 4V
V
CC
= 3V
V
CC
= 2V
Pd = V
CC
x I
CC
x Duty Cycle
Duty Cycle(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com