Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-STE10A Datasheet(PDF) 69 Page - STMicroelectronics

Part # E-STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE10A Datasheet(HTML) 69 Page - STMicroelectronics

Back Button E-STE10A Datasheet HTML 65Page - STMicroelectronics E-STE10A Datasheet HTML 66Page - STMicroelectronics E-STE10A Datasheet HTML 67Page - STMicroelectronics E-STE10A Datasheet HTML 68Page - STMicroelectronics E-STE10A Datasheet HTML 69Page - STMicroelectronics E-STE10A Datasheet HTML 70Page - STMicroelectronics E-STE10A Datasheet HTML 71Page - STMicroelectronics E-STE10A Datasheet HTML 72Page - STMicroelectronics E-STE10A Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
STE10/100A
Registers and descriptors description
69/82
29
FS
First descriptor
28,27
---
Reserved
26
AC
Disable add CRC function
25
TER
End of ring
24
TCH
2nd address chain. Indicates that the buffer 2 address is the next descriptor
address
23
DPD
Disable padding function
22
---
Reserved
21-11
TBS2
Buffer 2 size
10-0
TBS1
Buffer 1 size
TDES2
31~0
BA1
Buffer address 1. No alignment limitations imposed on the transmission
buffer address.
TDES3
31~0
BA2
Buffer address 2. No alignment limitations imposed on the transmission
buffer address.
Table 14.
Transmit descriptor description (continued)
Bit#
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com