Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTB6F-15FP Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # FTB6F-15FP
Description  1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

FTB6F-15FP Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  FTB6F-15FP Datasheet HTML 1Page - SMC Diode Solutions Co. LTD FTB6F-15FP Datasheet HTML 2Page - SMC Diode Solutions Co. LTD FTB6F-15FP Datasheet HTML 3Page - SMC Diode Solutions Co. LTD FTB6F-15FP Datasheet HTML 4Page - SMC Diode Solutions Co. LTD FTB6F-15FP Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N1814, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
FTB6F-15FP
THRU
FTB10F-15FP
Mechanical Dimensions ABS(Inches/Millimeters)
Carrier Tape Specification ABS
SYMBOL
Millimeters
Min.
Max.
A0
5.21
5.41
B0
7.10
7.30
D0
1.50
1.60
D1
1.40
1.60
P0
3.90
4.10
P1
7.90
8.10
P2
1.95
2.05
E
1.65
1.85
K0
1.55
1.75
F
5.45
5.55
W
11.90
12.10
T
0.24
0.30
10P0
39.80
40.20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com