Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST36VF3203 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST36VF3203
Description  32 Mbit (x8/x16) Concurrent SuperFlash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF3203 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST36VF3203 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
32 Mbit Concurrent SuperFlash
SST36VF3203 / SST36VF3204
13
©2005 Silicon Storage Technology, Inc.
S71270-03-000
7/06
TABLE
7: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Word-Program
555H
AAH
2AAH
55H
555H
A0H
WA3
Data
Sector-Erase
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
SAX4
50H
Block-Erase
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
BAX4
30H
Chip-Erase
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
555H
10H
Erase-Suspend
XXXH
B0H
Erase-Resume
XXXH
30H
Query Sec ID5
555H
AAH
2AAH
55H
555H
88H
User Security ID
Word-Program
555H
AAH
2AAH
55H
555H
A5H
SIWA6
Data
User Security ID
Program Lock-out7
555H
AAH
2AAH
55H
555H
85H
XXXH
0000H
Software ID Entry8,9
555H
AAH
2AAH
55H
BKX4
555H
90H
CFI Query Entry9
555H
AAH
2AAH
55H
BKX4
555H
98H
CFI Query Entry9
BKX4
55H
98H
Software ID Exit/
CFI Exit/
Sec ID Exit10,11
555H
AAH
2AAH
55H
555H
F0H
Software ID Exit/
CFI Exit/
Sec ID Exit10,11
XXH
F0H
T7.1 1270
1. Address format A10-A0 (Hex), Addresses A20-A11 can be VIL or VIH, but no other value (unless otherwise stated), for the command
sequence when in x16 mode.
When in x8 mode, Addresses A20-A12, Address A-1, and DQ14-DQ8 can be VIL or VIH, but no other value (unless otherwise stated), for
the command sequence.
2. DQ15-DQ8 can be VIL or VIH, but no other value, for the command sequence
3. WA = Program word address
4. SAX for Sector-Erase; uses A20-A11 address lines
BAX for Block-Erase; uses A20-A15 address lines
BKX for Bank Address; uses A20-A18 address lines
5. For SST36VF3203 the Security ID Address Range is: (x16 mode) = 100000H to 100087H,(x8 mode) = 100000H to 10010FH
SST ID is read at Address Range(x16 mode) = 100000H to 100007H
(x8 mode) = 100000H to 10000FH
User ID is read at Address Range(x16 mode) = 100008H to 100087H
(x8 mode) = 100010H to 10010FH
Lock status is read at Address 1000FFH (x16) or 1001FFH (x8). Unlocked: DQ3 = 1 / Locked: DQ3 = 0.
For SST36VF3204 the Security ID Address Range is:(x16 mode) = 000000H to 000087H,
(x8 mode) = 000000H to 00010FH
SST ID is read at Address Range
(x16 mode) = 000000H to 000007H
(x8 mode) = 000000H to 00000FH
User ID is read at Address Range
(x16 mode) = 000008H to 000087H
(x8 mode) = 000010H to 00010FH
Lock Status is read at Address 0000FFH (x16) or 0001FFH (x8). Unlocked: DQ3 = 1 / Locked: DQ3 = 0
6. SIWA = Valid Word addresses for user Sec ID
For SST36VF3203 User ID valid Address Range is
(x16 mode) = 100008H-100087H
(x8 mode) = 100010H-10010FH.
For SST36VF3204 User ID valid Address Range is
(x16 mode) = 000008H-000087H
(x8 mode) = 000010H-00010FH.
All 4 cycles of User Security ID Program and Program Lock-out must be completed before going back to Read-Array mode.
7. The User Security ID Program Lock-out command must be executed in x16 mode (BYTE#=VIH).
8. The device does not remain in Software Product Identification mode if powered down.
9. A20, A19, and A18 = BKX (Bank Address): address of the bank that is switched to Software ID/CFI Mode
With A17-A1 = 0;SST Manufacturer’s ID = 00BFH, is read with A0 = 0
SST36VF3203 Device ID = 7354H, is read with A0 = 1
SST36VF3204 Device ID = 7353H, is read with A0 = 1
10. Both Software ID Exit operations are equivalent
11. If users never lock after programming, User Sec ID can be programmed over the previously unprogrammed bits (data=1) using the
User Sec ID mode again (the programmed “0” bits cannot be reversed to “1”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com