Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56367 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Interrupt and Mode Control
DSP56367 Technical Data, Rev. 2.1
2-6
Freescale Semiconductor
2.9
Interrupt and Mode Control
The interrupt and mode control signals select the chip’s operating mode as it comes out of hardware reset.
After RESET is deasserted, these inputs are hardware interrupt request lines.
BR
Output
Output
(deasserted)
Bus Request—BR is an active-low output, never tri-stated. BR is asserted when the
DSP requests bus mastership. BR is deasserted when the DSP no longer needs the
bus. BR may be asserted or deasserted independent of whether the DSP56367 is a
bus master or a bus slave. Bus “parking” allows BR to be deasserted even though the
DSP56367 is the bus master. (See the description of bus “parking” in the BB signal
description.) The bus request hold (BRH) bit in the BCR allows BR to be asserted under
software control even though the DSP does not need the bus. BR is typically sent to an
external bus arbitrator that controls the priority, parking, and tenure of each master on
the same external bus. BR is only affected by DSP requests for the external bus, never
for the internal bus. During hardware reset, BR is deasserted and the arbitration is reset
to the bus slave state.
BG
Input
Ignored Input Bus Grant—BG is an active-low input. BG is asserted by an external bus arbitration
circuit when the DSP56367 becomes the next bus master. When BG is asserted, the
DSP56367 must wait until BB is deasserted before taking bus mastership. When BG is
deasserted, bus mastership is typically given up at the end of the current bus cycle.
This may occur in the middle of an instruction that requires more than one external bus
cycle for execution.
For proper BG operation, the asynchronous bus arbitration enable bit (ABE) in the
OMR register must be set.
BB
Input/
Output
Input
Bus Busy—BB is a bidirectional active-low input/output. BB indicates that the bus is
active. Only after BB is deasserted can the pending bus master become the bus master
(and then assert the signal again). The bus master may keep BB asserted after ceasing
bus activity regardless of whether BR is asserted or deasserted. This is called “bus
parking” and allows the current bus master to reuse the bus without rearbitration until
another device requires the bus. The deassertion of BB is done by an “active pull-up”
method (i.e., BB is driven high and then released and held high by an external pull-up
resistor).
For proper BB operation, the asynchronous bus arbitration enable bit (ABE) in the OMR
register must be set.
BB requires an external pull-up resistor.
Table 2-7 External Bus Control Signals (continued)
Signal Name
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com