Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R0-30PL Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN2R0-30PL
Description  N-channel 30 V 2.1 mΩ logic level MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R0-30PL Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN2R0-30PL Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R0-30PL Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R0-30PL Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R0-30PL Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R0-30PL Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R0-30PL Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R0-30PL Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R0-30PL Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R0-30PL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PSMN2R0-30PL_1
Product data sheet
Rev. 01 — 24 June 2009
2 of 13
Nexperia
PSMN2R0-30PL
N-channel 30 V 2.1 m
Ω logic level MOSFET
2.
Pinning information
3.
Ordering information
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1G
gate
SOT78
(TO-220AB)
2D
drain
3S
source
mb
D
mounting base; connected to
drain
12
mb
3
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN2R0-30PL
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com