Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R2-30YLC Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN2R2-30YLC
Description  N-channel 30 V 2.15mΩ logic level MOSFET in LFPAK using NextPower technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R2-30YLC Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN2R2-30YLC Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R2-30YLC Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R2-30YLC Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R2-30YLC Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R2-30YLC Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R2-30YLC Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R2-30YLC Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN2R2-30YLC Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN2R2-30YLC Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
PSMN2R2-30YLC
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 02 — 3 May 2011
7 of 15
Nexperia
PSMN2R2-30YLC
N-channel 30 V 2.15m
Ω logic level MOSFET in LFPAK using NextPower
Qoss
output charge
VGS =0 V; VDS =15V; f=1MHz;
Tj =25°C
-
18.4
-
nC
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 17
-0.8
1.1
V
trr
reverse recovery time
IS =25A; dIS/dt = -100 A/µs;
VGS =0 V; VDS =15V
-37
-ns
Qr
recovered charge
-
37
-
nC
ta
reverse recovery rise time
VGS =0 V; IS =25 A;
dIS/dt = -100 A/µs; VDS =15V;
see Figure 18
-21
-ns
tb
reverse recovery fall time
-
16
-
ns
Table 7.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 6.
Output characteristics; drain current as a
function of drain-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003a a f 888
0
20
40
60
80
100
0
0.5
1
1.5
2
VDS (V)
ID
(A)
VGS (V) =
2.6
2.8
3.0
4.5
10
2.4
2.2
003a a f 889
0
2
4
6
8
0
4
8
12
16
VGS (V)
RDSon
(m
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com