Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT6160D Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6160D
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160D Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6160D Datasheet HTML 9Page - Richtek Technology Corporation RT6160D Datasheet HTML 10Page - Richtek Technology Corporation RT6160D Datasheet HTML 11Page - Richtek Technology Corporation RT6160D Datasheet HTML 12Page - Richtek Technology Corporation RT6160D Datasheet HTML 13Page - Richtek Technology Corporation RT6160D Datasheet HTML 14Page - Richtek Technology Corporation RT6160D Datasheet HTML 15Page - Richtek Technology Corporation RT6160D Datasheet HTML 16Page - Richtek Technology Corporation RT6160D Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
RT6160D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6160D-01
May 2023
www.richtek.com
13
VOUT
(50mV/Div)
VIN
(2V/Div)
Time (200
s/Div)
Line Transient Response (Light Load)
VIN = 2.5V, VOUT = 5V, IOUT = 1.5A to 3A
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
Slew rate = 100mA/
μs
VOUT = 3.3V, IOUT = 0.2A,TA = 25° C,
Auto PFM Mode
VIN = 2.2V to 5.5V to 2.2V, tR = tF = 10s
VIN
(2V/Div)
VOUT
(50mV/Div)
Time (200
s/Div)
Line Transient Response (Heavy Load)
VOUT = 3.3V, IOUT = 1A,TA = 25° C,
Auto PFM Mode
VIN = 2.2V to 5.5V to 2.2V, tR = tF = 10s
VIN
(500mV/Div)
VOUT
(20mV/Div)
Line Transient Response (SPEC Condition)
Time (200
s/Div)
VIN = 4.2V, VOUT = 5V, IOUT = 1.5A to 3A
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
Slew rate = 100mA/
μs
VOUT = 3.3V, IOUT = 1A,TA = 25° C,
Auto PFM Mode
VIN = 3V to 3.6V to 3V, tR = tF = 10s
IOUT
(1A/Div)
VOUT
(200mV/Div)
Time (200
s/Div)
Load Transient Response (Buck)
VIN = 4.2V, VOUT = 3.3V,TA = 25° C,
Auto PFM Mode
IOUT = 0.01A to 2A to 0.01A, tR = tF = 1s
Time (200
s/Div)
Load Transient Response (Buck-Boost)
IOUT
(1A/Div)
VOUT
(200mV/Div)
VIN = 3.3V, VOUT = 3.3V,TA = 25° C,
Auto PFM Mode
IOUT = 0.01A to 2A to 0.01A, tR = tF = 1s
Time (200
s/Div)
Load Transient Response (Boost)
IOUT
(1A/Div)
VOUT
(200mV/Div)
VIN = 2.6V, VOUT = 3.3V,TA = 25° C,
Auto PFM Mode
IOUT = 0.01A to 2A to 0.01A, tR = tF = 1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com