Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR0540 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # MBR0540
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR0540 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  MBR0540 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR0540 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR0540 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR0540 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N2065, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR0540
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Marking Diagram
Device
Package
Shipping
MBR0540
SOD-123(Pb-Free)
3000pcs / reel
MBR0540TR
SOD-123(Pb-Free)
3000pcs / reel
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
1.050
1.250
0.0411
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.450
0.650
0.018
0.026
c
0.080
0.150
0.003
0.006
D
1.500
1.700
0.059
0.067
E
2.600
2.800
0.102
0.110
E1
3.550
3.850
0.140
0.152
L
0.500 REF.
0.020 REF.
L1
0.250
0.450
0.010
0.018
θ
0°
8°
0°
8°
Mechanical Dimensions SOD-123
Carrier Tape Specification SOD-123
SYMBOL
Millimeters
Min.
Max.
A
1.80
1.90
B
3.89
3.99
C
1.52
1.62
d
1.45
1.65
E
1.65
1.85
F
3.40
3.60
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
W
7.90
8.30
R4
= Marking code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com