Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT6283B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6283B
Description  3A, 30V, 500kHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6283B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6283B Datasheet HTML 8Page - Richtek Technology Corporation RT6283B Datasheet HTML 9Page - Richtek Technology Corporation RT6283B Datasheet HTML 10Page - Richtek Technology Corporation RT6283B Datasheet HTML 11Page - Richtek Technology Corporation RT6283B Datasheet HTML 12Page - Richtek Technology Corporation RT6283B Datasheet HTML 13Page - Richtek Technology Corporation RT6283B Datasheet HTML 14Page - Richtek Technology Corporation RT6283B Datasheet HTML 15Page - Richtek Technology Corporation RT6283B Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT6283B
13
DS6283B-00
November 2019
www.richtek.com
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
(a) Copper Area = (2.3 x 2.3) mm2,
θJA = 75°C/W
(b) Copper Area = 10mm2,
θJA = 64°C/W
(c) Copper Area = 30mm
2 ,
θJA = 54°C/W
(d) Copper Area = 50mm2 ,
θJA = 51°C/W
(e) Copper Area = 70mm2 ,
θJA = 49°C/W
Figure 6. Thermal Resistance vs. Copper Area Layout
Design
Layout Considerations
For best performance of the RT6283B, the following layout
guidelines must be strictly followed.
Input capacitor must be placed as close to the IC as
possible.
SW should be connected to inductor by wide and short
trace. Keep sensitive components away from this trace.
The RL resistor, compensator and feedback components
must be connected as close to the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com