Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT8096A Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8096A
Description  1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8096A Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8096A Datasheet HTML 9Page - Richtek Technology Corporation RT8096A Datasheet HTML 10Page - Richtek Technology Corporation RT8096A Datasheet HTML 11Page - Richtek Technology Corporation RT8096A Datasheet HTML 12Page - Richtek Technology Corporation RT8096A Datasheet HTML 13Page - Richtek Technology Corporation RT8096A Datasheet HTML 14Page - Richtek Technology Corporation RT8096A Datasheet HTML 15Page - Richtek Technology Corporation RT8096A Datasheet HTML 16Page - Richtek Technology Corporation RT8096A Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RT8096A
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8096A-06
December
2019
www.richtek.com
13
Application Information
The RT8096A is a single-phase step-down converter. It
provides single feedback loop, constant on-time current
mode control with fast transient response. An internal
0.6V reference allows the output voltage to be precisely
regulated for low output voltage applications. A fixed
switching frequency (1.5MHz) oscillator and internal
compensation are integrated to minimize external
component
count.
Protection
features
include
over-current protection, under-voltage protection and
over-temperature protection.
Output Voltage Setting
Connect a resistive voltage divider at the FB between
VOUT and GND to adjust the output voltage. The output
voltage is set according to the following equation :
OUT
REF
R1
V
= V
1
R2




where VREF is the feedback reference voltage 0.6V
(typ.).
FB
GND
VOUT
R1
R2
Figure 1. Setting VOUT with a Voltage Divider
Chip Enable and Disable
The EN pin allows for power sequencing between the
controller bias voltage and another voltage rail. The
RT8096A remains in shutdown if the EN pin is lower
than 400mV. When the EN pin rises above the VEN trip
point, the RT8096A begins a new initialization and
soft-start cycle.
Internal Soft-Start
The RT8096A provides an internal soft-start function to
prevent large inrush current and output voltage
overshoot when the converter starts up. The soft-start
(SS) automatically begins once the chip is enabled.
During soft-start, the internal
soft-start capacitor
becomes charged and generates a linear ramping up
voltage across the capacitor. This voltage clamps the
voltage at the FB pin, causing PWM pulse width to
increase slowly and in turn reduce the input surge
current. The internal 0.6V reference takes over the loop
control once the internal ramping-up voltage becomes
higher than 0.6V.
UVLO Protection
The RT8096A has input Under Voltage Lockout
protection (UVLO). If the input voltage exceeds the
UVLO rising threshold voltage (2.25V typ.), the
converter resets and prepares the PWM for operation.
If the input voltage falls below the UVLO falling
threshold voltage during normal operation, the device
will stop switching. The UVLO rising and falling
threshold
voltage
has
a
hysteresis
to
prevent
noise-caused reset.
Inductor Selection
The switching frequency (on-time) and operating point
(% ripple or LIR) determine the inductor value as
shown below :
OUT
IN
OUT
SW
LOAD(MAX)
IN
V
V
V
L =
f
LIR
I
V

where LIR is the ratio of the peak-to-peak ripple current
to the average inductor current.
Find a low loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. The core
must be large enough not to saturate at the peak
inductor current (IPEAK) :
PEAK
LOAD(MAX)
LOAD(MAX)
LIR
I
= I
+
I
2



The calculation above serves as a general reference.
To further improve transient response, the output
inductor can be further reduced. This relation should be
considered along with the selection of the output
capacitor.
Inductor saturation current should be chosen over IC’s
current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com