Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5086 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5086_06 Datasheet HTML 17Page - Texas Instruments TAS5086_06 Datasheet HTML 18Page - Texas Instruments TAS5086_06 Datasheet HTML 19Page - Texas Instruments TAS5086_06 Datasheet HTML 20Page - Texas Instruments TAS5086_06 Datasheet HTML 21Page - Texas Instruments TAS5086_06 Datasheet HTML 22Page - Texas Instruments TAS5086_06 Datasheet HTML 23Page - Texas Instruments TAS5086_06 Datasheet HTML 24Page - Texas Instruments TAS5086_06 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
www.ti.com
A6
A0
ACK
Acknowledge
I2C Device Address and
Read/Write Bit
R/W
A6
A0
R/W ACK
A0
ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
Last Data Byte
ACK
First Data Byte
Repeat Start
Condition
Not
Acknowledge
I2C Device Address and
Read/Write Bit
Subaddress
Other Data Bytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
T0036-04
COMMAND CHARACTERISTICS
SERIAL CONTROL INTERFACE REGISTER SUMMARY
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
I2C SERIAL CONTROL INTERFACE (continued)
Figure 18. Multiple-Byte Read Transfer
The TAS5086 has two groups of I2C commands. One set is commands that are designed specifically to be
operated while audio is streaming and that have built-in mechanisms to prevent noise, clicks, and pops. The
other set does not have this built-in protection.
Commands that are designed to be adjusted while audio is streaming
•
Master volume
•
Master mute
•
Individual channel volume
•
Individual channel mute
Commands that the system executes without additional processing to prevent noise, clicks, or pops (in
a number of cases this does not produce an audible click and pop)
•
Serial data interface format
•
De-emphasis
•
Sample rate conversion
•
Input multiplexer
•
Output multiplexer
•
Biquads
•
Downmix
•
Channel delay
•
Enable/disable automatic MCLK and data-rate detection
•
Manual or automatic MCLK and data-rate setting
•
Enable/disable dc blocking
•
Hard/soft unmute from clock error
NO. OF
SUBADDRESS
REGISTER NAME
CONTENTS
INITIALIZATION VALUE
BYTES
A u indicates unused bits
0x00
Clock control register
1
Description shown in subsequent section
6C
0x01
Device ID register
1
Description shown in subsequent section
03
0x02
Error status register
1
Description shown in subsequent section
00
0x03
System control register 1
1
Description shown in subsequent section
A0
0x04
Serial data interface register
1
Description shown in subsequent section
05
0x05
System control register 2
1
Description shown in subsequent section
60
0x06
Softmute register
1
Description shown in subsequent section
00
0x07
Master volume
1
Description shown in subsequent section
FF (mute)
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com