Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5112ADFDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5112ADFDR
Description  DIGITAL AMPLIIFIER POWER STAGE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112ADFDR Datasheet(HTML) 2 Page - Texas Instruments

  TAS5112ADFDR Datasheet HTML 1Page - Texas Instruments TAS5112ADFDR Datasheet HTML 2Page - Texas Instruments TAS5112ADFDR Datasheet HTML 3Page - Texas Instruments TAS5112ADFDR Datasheet HTML 4Page - Texas Instruments TAS5112ADFDR Datasheet HTML 5Page - Texas Instruments TAS5112ADFDR Datasheet HTML 6Page - Texas Instruments TAS5112ADFDR Datasheet HTML 7Page - Texas Instruments TAS5112ADFDR Datasheet HTML 8Page - Texas Instruments TAS5112ADFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TAS5112A
SLES094A - OCTOBER 2003 - REVISED MARCH 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
GENERAL INFORMATION
Terminal Assignment
The TAS5112A is offered in a thermally enhanced 56-pin
TSSOP DFD (thermal pad is on the top), shown as follows.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
GND
GREG
OTW
SD_CD
SD_AB
PWM_DP
PWM_DM
RESET_CD
PWM_CM
PWM_CP
DREG_RTN
M3
M2
M1
DREG
PWM_BP
PWM_BM
RESET_AB
PWM_AM
PWM_AP
GND
DGND
GND
DVDD
GREG
GND
GND
GND
GVDD
BST_D
PVDD_D
PVDD_D
OUT_D
OUT_D
GND
GND
OUT_C
OUT_C
PVDD_C
PVDD_C
BST_C
BST_B
PVDD_B
PVDD_B
OUT_B
OUT_B
GND
GND
OUT_A
OUT_A
PVDD_A
PVDD_A
BST_A
GVDD
GND
DFD PACKAGE
(TOP VIEW)
Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted(1)
TAS5112A
UNITS
DVDD TO DGND
–0.3 V to 4.2 V
GVDD TO GND
33.5 V
PVDD_X TO GND (dc voltage)
33.5 V
PVDD_X TO GND (spike voltage(2))
48 V
OUT_X TO GND (dc voltage)
33.5 V
OUT_X TO GND (spike voltage(2))
48 V
BST_X TO GND (dc voltage)
48 V
BST_X TO GND (spike voltage(2))
53 V
GREG TO GND (3)
14.2 V
PWM_XP, RESET, M1, M2, M3, SD,
OTW
–0.3 V to DVDD + 0.3 V
Maximum operating junction
temperature, TJ
–40
°C to 150°C
Storage temperature
–40
°C to 125°C
(1) Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device
reliability.
(2) The duration of voltage spike should be less than 100 ns; see
application note SLEA025.
(3) GREG is treated as an input when the GREG pin is overdriven by
GVDD of 12 V.
Package Dissipation Ratings
PACKAGE
RθJC
(
°C/W)
RθJA
(
°C/W)
56-pin DFD TSSOP
1.14
See Note 4
(4) The TAS5112A package is thermally enhanced for conductive
cooling using an exposed metal pad area. It is impractical to use the
device with the pad exposed to ambient air as the only heat sinking
of the device.
For this reason, RθJA, a system parameter that characterizes the
thermal treatment, is provided in the Application Information section
of the data sheet. An example and discussion of typical system
RθJA values are provided in the Thermal Information section. This
example provides additional information regarding the power
dissipation ratings. This example should be used as a reference to
calculate the heat dissipation ratings for a specific application. TI
application engineering provides technical support to design
heatsinks if needed.
Ordering Information
TA
PACKAGE
DESCRIPTION
0
°C to 70°C
TAS5112ADFD
56-pin small TSSOP
For
the
most
current
specification
and
package
information, refer to our Web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com