Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF016C Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF016C Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST49LF016C Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF016C Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF016C Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF016C Datasheet HTML 20Page - Silicon Storage Technology, Inc SST49LF016C Datasheet HTML 21Page - Silicon Storage Technology, Inc SST49LF016C Datasheet HTML 22Page - Silicon Storage Technology, Inc SST49LF016C Datasheet HTML 23Page - Silicon Storage Technology, Inc SST49LF016C Datasheet HTML 24Page - Silicon Storage Technology, Inc SST49LF016C Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
16 Mbit LPC Serial Flash
SST49LF016C
21
©2006 Silicon Storage Technology, Inc.
S71237-07-000
9/06
Block Locking Registers
SST49LF016C provides software controlled lock protection
through a set of Block Locking registers. The Block Locking
Registers are read/write registers and they are accessible
through standard addressable memory locations specified
in Table 14. Unused register locations will return 00H if
read.
In case of multi-byte register reads with Firmware Memory
cycle, the device will return register data for the addressed
register until the command finishes, or is aborted.
TABLE 14: Block Locking Registers
Register
Block
Size
SST49LF016C
Protected
Memory
Address1 Range
Memory
Map
Register
Address1
T_BLOCK_LK
16K
1FFFFFH-1FC000H
FFBFC002H
T_MINUS01_LK
8K
1FBFFFH-1FA000H
FFBFA002H
T_MINUS02_LK
8K
1F9FFFH-1F8000H
FFBF8002H
T_MINUS03_LK
32K
1F7FFFH-1F0000H
FFBF0002H
T_MINUS04_LK
64K
1EFFFFH-1E0000H
FFBE0002H
T_MINUS05_LK
64K
1DFFFFH-1D0000H
FFBD0002H
T_MINUS06_LK
64K
1CFFFFH-1C0000H
FFBC0002H
T_MINUS07_LK
64K
1BFFFFH-1B0000H
FFBB0002H
T_MINUS08_LK
64K
1AFFFFH-1A0000H
FFBA0002H
T_MINUS09_LK
64K
19FFFFH-190000H
FFB90002H
T_MINUS10_LK
64K
18FFFFH-180000H
FFB80002H
T_MINUS11_LK
64K
17FFFFH-170000H
FFB70002H
T_MINUS12_LK
64K
16FFFFH-160000H
FFB60002H
T_MINUS13_LK
64K
15FFFFH-150000H
FFB50002H
T_MINUS14_LK
64K
14FFFFH-140000H
FFB40002H
T_MINUS15_LK
64K
13FFFFH-130000H
FFB30002H
T_MINUS16_LK
64K
12FFFFH-120000H
FFB20002H
T_MINUS17_LK
64K
11FFFFH-110000H
FFB10002H
T_MINUS18_LK
64K
10FFFFH-100000H
FFB00002H
T_MINUS19_LK
64K
0FFFFFH-0F0000H
FFAF0002H
T_MINUS20_LK
64K
0EFFFFH-0E0000H
FFAE0002H
T_MINUS21_LK
64K
0DFFFFH-0D0000H
FFAD0002H
T_MINUS22_LK
64K
0CFFFFH-0C0000H
FFAC0002H
T_MINUS23_LK
64K
0BFFFFH-0B0000H
FFAB0002H
T_MINUS24_LK
64K
0AFFFFH-0A0000H
FFAA0002H
T_MINUS25_LK
64K
09FFFFH-090000H
FFA90002H
T_MINUS26_LK
64K
08FFFFH-080000H
FFA80002H
T_MINUS27_LK
64K
07FFFFH-070000H
FFA70002H
T_MINUS28_LK
64K
06FFFFH-060000H
FFA60002H
T_MINUS29_LK
64K
05FFFFH-050000H
FFA50002H
T_MINUS30_LK
64K
04FFFFH-040000H
FFA40002H
T_MINUS31_LK
64K
03FFFFH-030000H
FFA30002H
T_MINUS32_LK
64K
02FFFFH-020000H
FFA20002H
T_MINUS33_LK
64K
01FFFFH-010000H
FFA10002H
T_MINUS34_LK
64K
00FFFFH-000000H
FFA00002H
T14.0 1237
1. Address shown in this column is for boot device only.
Address locations should appear elsewhere in the 4
GByte system memory map depending on ID strapping
values on ID[3:0] pins when multiple LPC memory
devices are used in a system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com