| Electronic Components Datasheet Search |
|
STB270N4F3 Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STB270N4F3 Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 15 page ![]() STB270N4F3 - STI270N4F3 - STP270N4F3 Electrical characteristics 5/15 Table 5. Switching times Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) tr Turn-on delay time Rise time VDD=20 V, ID= 80A, RG=4.7Ω, VGS=10V (see Figure 15) 22 180 ns ns td(off) tf Turn-off delay time Fall time VDD=20 V, ID= 80A, RG=4.7Ω, VGS=10V (see Figure 15) 110 45 ns ns Table 6. Source drain diode Symbol Parameter Test conditions Min Typ. Max Unit ISD Source-drain current D²PAK 160 A TO-220 I²PAK 120 A ISDM (1) 1. Pulse width limited by safe operating area Source-drain current (pulsed) D²PAK 640 A TO-220 I²PAK 480 A VSD (2) 2. Pulsed: pulse duration=300µs, duty cycle 1.5% Forward on voltage ISD=80A, VGS=0 1.5 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD=160A, di/dt = 100A/µs, VDD=32V, Tj=150°C (see Figure 14) 70 225 3.2 ns nC A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |