Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3003D2PFB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2PFB
Description  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2PFB Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPA3003D2PFB Datasheet HTML 23Page - Texas Instruments TPA3003D2PFB Datasheet HTML 24Page - Texas Instruments TPA3003D2PFB Datasheet HTML 25Page - Texas Instruments TPA3003D2PFB Datasheet HTML 26Page - Texas Instruments TPA3003D2PFB Datasheet HTML 27Page - Texas Instruments TPA3003D2PFB Datasheet HTML 28Page - Texas Instruments TPA3003D2PFB Datasheet HTML 29Page - Texas Instruments TPA3003D2PFB Datasheet HTML 30Page - Texas Instruments TPA3003D2PFB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
27
www.ti.com
APPLICATION INFORMATION
Analyzer
20 Hz − 20 kHz
(a) Basic Class−AB
APA
Signal
Generator
Power Supply
Analyzer
20 Hz − 20 kHz
R
L
(b) Filter−Free and Traditional Class−D
Class−D APA
Signal
Generator
Power Supply
R
L
Low−Pass RC
Filter
Low−Pass RC
Filter
Figure 29.
Audio Measurement Systems
The TPA3003D2 uses a modulation scheme that does not require an output filter for operation, but they do
sometimes require an RC low-pass filter when making measurements. This is because some analyzer inputs
cannot accurately process the rapidly changing square-wave output and therefore record an extremely high
level of distortion. The RC low-pass measurement filter is used to remove the modulated waveforms so the
analyzer can measure the output sine wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com