Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA2012D2YZHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2YZHT
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2YZHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2012D2YZHT Datasheet HTML 3Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 4Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 5Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 9Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 10Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.01
0.1
1
10
0.01
0.1
1
3
2.5 V
3.6 V
PO − Output Power − W
RL = 8 W,
f = 1 kHz,
AV = 24 dB
5 V
20
0.01
0.1
1
10
20
0.01
0.1
1
4
2.5 V
3.6 V
5 V
PO − Output Power − W
RL = 4 W,
f = 1 kHz,
AV = 24 dB
0.01
0.1
1
10
20
0.01
0.1
1
3
2.5 V
3.6 V
PO − Output Power − W
RL = 8 W,
f = 1 kHz,
AV = 6 dB
5 V
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 2.5 V,
RL = 4 W,
CI = 1 mF,
AV = 6 dB
0.01
120 mW
350 mW
240 mW
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 2.5 V,
RL = 8 W,
CI = 1 mF,
AV = 6 dB
0.01
90 mW
180 mW
260 mW
0.01
0.1
1
10
20
0.01
0.1
1
4
2.5 V
3.6 V
5 V
PO − Output Power − W
RL = 4 W,
f = 1 kHz,
AV = 6 dB
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 3.6 V,
RL = 4 W,
CI = 1 mF,
AV = 6 dB
0.01
275 mW
550 mW
825 mW
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 3.6 V,
RL = 8 W,
CI = 1 mF,
AV = 6 dB
0.01
190 mW
375 mW
560 mW
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V,
RL = 4 W,
CI = 1 mF,
AV = 6 dB
0.01
550 mW
1.1 W
1.65 W
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
vs
OUTPUT POWER
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com