Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317LZ Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM317LZ
Description  LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317LZ Datasheet(HTML) 2 Page - STMicroelectronics

  LM317LZ Datasheet HTML 1Page - STMicroelectronics LM317LZ Datasheet HTML 2Page - STMicroelectronics LM317LZ Datasheet HTML 3Page - STMicroelectronics LM317LZ Datasheet HTML 4Page - STMicroelectronics LM317LZ Datasheet HTML 5Page - STMicroelectronics LM317LZ Datasheet HTML 6Page - STMicroelectronics LM317LZ Datasheet HTML 7Page - STMicroelectronics LM317LZ Datasheet HTML 8Page - STMicroelectronics LM317LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LM217L/LM317L
2/13
Table 1: Absolute Maximum Ratings
Figure 2: Pin Connection (top view)
Table 2: Order Codes
(*) Available in Tape & Reel with the suffix "-TR".
(#) Available in Tape & Reel with the suffix "-TR" and in Ammopak with the suffix "-AP". Please note that in these cases pins are shaped
according to Tape & Reel specifications.
Figure 3: Test Circuit
Symbol
Parameter
Value
Unit
VI - VO
Input-Output Differential Voltage
40
V
Pd
Power Dissipation
Internally Limited
Topr
Operating Junction Temperature
Range
for LM217L
-40 to 125
°C
for LM317L
0 to 125
Tstg
Storage Temperature Range
-55 to 150
°C
TYPE
SO-8 (TUBE) (*)
TO-92 (BAG) (#)
LM217L
LM217LD
LM217LZ
LM317L
LM317LD
LM317LZ
SO-8
TO-92
PIN 1 = ADJUST
PIN 2 = IN
PIN 3 = OUT
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com