Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BULB49DT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BULB49DT4
Description  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULB49DT4 Datasheet(HTML) 4 Page - STMicroelectronics

  BULB49DT4 Datasheet HTML 1Page - STMicroelectronics BULB49DT4 Datasheet HTML 2Page - STMicroelectronics BULB49DT4 Datasheet HTML 3Page - STMicroelectronics BULB49DT4 Datasheet HTML 4Page - STMicroelectronics BULB49DT4 Datasheet HTML 5Page - STMicroelectronics BULB49DT4 Datasheet HTML 6Page - STMicroelectronics BULB49DT4 Datasheet HTML 7Page - STMicroelectronics BULB49DT4 Datasheet HTML 8Page - STMicroelectronics BULB49DT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
BULB49DT4
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0)
VCE = 850V
VCE = 850V Tj = 125°C
100
500
µA
µA
IEBO
Emitter cut-off current
(IC =0)
VEB = 9V
100
µA
V(BR)EBO
Emitter-base brakdown
voltage (IC = 0)
IE =10mA
10
18
V
VCEO(sus)(1)
Collector-emitter
sustaining voltage (IB = 0)
IC =10mA
450
V
VCE(sat) (1) Collector-emitter
saturation voltage
IC =1A
_ _ IB =0.2A
IC =2A
_ _ IB =0.4A
IC =4A __ _ IB =0.8A
0.1
0.3
0.6
1.2
V
V
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC =1A
_ _ IB =0.2A
IC =4A
_ _ IB =0.8A
1
1.3
V
V
hFE (1)
DC current gain
IC =10mA
VCE =5V
IC =500mA
VCE =5V
IC =7A
VCE =10V
10
4
60
10
VCEW (1)
Maximum collector-
emitter voltage without
snubber
IC =8A
VBB= -2.5V
L =50
µH
RBB =0
tp =10µs
450
V
ts
tf
Resistive load
Storage time
Fall time
VCC =250V
IC =2A
IB1=-IB2 =400mA
tp =30µs
(see figure 11)
23
0.8
µs
µs
ts
tf
Inductive load
Storage time
Fall time
VCL =300V
IC =4A
IB(on) =800mA RBB(off) =0
VBE(off) =-5V
L =1mH
(see figure 12)
0.5
50
1.3
100
µs
ns
VF
Diode forward voltage
IC = 3A
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com