Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24512-RMN6TP Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24512-RMN6TP
Description  512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-RMN6TP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24512-RMN6TP Datasheet HTML 11Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 12Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 13Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 14Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 15Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 16Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 17Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 18Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
M24512-W, M24512-R, M24256-BW, M24256-BR
Device operation
15/31
3.9
ECC (Error Correction Code) and Write cycling
The M24512-W, M24512-R, M24256-BW and M24256-BR devices offer an ECC (Error
Correction Code) logic which compares each 4-byte packet with its associated ECC bits (6
EEPROM bits). As a result, if a single bit out of 4 bytes of data happens to be erroneous
during a Read operation, the ECC detects it and replaces it by the correct value. The read
reliability is therefore much improved by the use of this feature.
Note however that even if a single byte has to be written, 4 bytes are internally modified
(plus the ECC bits), that is, the addressed Byte is cycled together with the other three bytes
making up the packet. It is therefore recommended to write by packets of 4 bytes in order to
benefit from the larger amount of Write cycles.
The M24512-W, M24512-R, M24256-BW and M24256-BR devices are qualified at 1 million
(1,000,000) Write cycles, using a cycling routine that writes to the device by multiples of 4-
bytes.
Caution:
Note that the M24512-W and M24512-R in SO8 Wide package (MW) are offered with either
the previous die qualified at 100.000 Write cycles or the new die (qualified at 1 Million Write
cycles). The two dice are distinguished by their respective process letter: "V" for the
previous die and " A" for the new die. Please contact your nearest ST sales office for more
information.
Figure 7.
Write Mode sequences with WC = 0 (data write enabled)
BYTE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01106C
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com