| Electronic Components Datasheet Search |
|
ST72104G2B5/XXX Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72104G2B5/XXX Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 140 page ![]() ST72104G, ST72215G, ST72216G, ST72254G 10/140 3 REGISTER & MEMORY MAP As shown in the Figure 4, the MCU is capable of addressing 64K bytes of memories and I/O regis- ters. The available memory locations consist of 128 bytes of register location, 256 bytes of RAM and up to 8Kbytes of user program memory. The RAM space includes up to 128 bytes for the stack from 0100h to 017Fh. The highest address bytes contain the user reset and interrupt vectors. IMPORTANT: Memory locations marked as “Re- served” must never be accessed. Accessing a re- served area can have unpredictable effects on the device. Figure 4. Memory Map 0000h Program Memory (4K, 8 KBytes) Interrupt & Reset Vectors HW Registers DFFFh 0080h 007Fh (see Table 2) E000h FFDFh FFE0h FFFFh (see Table 5 on page 26) 0180h Reserved 017Fh Short Addressing RAM 0100h 017Fh 0080h 00FFh 256 Bytes RAM 4 KBytes F000h E000h 8 KBytes FFFFh Zero page (128 Bytes) Stack or 16-bit Addressing RAM (128 Bytes) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |