Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56004 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP56004
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56004 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
DSP56004
Features
MOTOROLA
DSP56004/D, Rev. 3
iii
FEATURES
Digital Signal Processing Core
•
Efficient, object code compatible with the 24-bit DSP56000 core engine
•
Up to 40.5 Million Instructions Per Second (MIPS)—24.7 ns instruction cycle at
81 MHz; up to 324 Million Operations Per Second (MOPS) at 81 MHz
•
Highly parallel instruction set with unique DSP addressing modes
•
Two 56-bit accumulators including extension byte
•
Parallel 24
× 24-bit multiply-accumulate in 1 instruction cycle (2 clock cycles)
•
Double precision 48
× 48-bit multiply with 96-bit result in 6 instruction cycles
•
56-bit addition/subtraction in 1 instruction cycle
•
Fractional and integer arithmetic with support for multiprecision arithmetic
•
Hardware support for block floating-point Fast Fourier Transforms (FFT)
•
Hardware nested DO loops
•
Zero-overhead fast interrupts (2 instruction cycles)
•
Four 24-bit internal data buses and three 16-bit internal address buses for
simultaneous accesses to one program and two data memories
•
Fabricated in high-density CMOS
Memory
•
On-chip modified Harvard architecture which permits simultaneous accesses
to program and two data memories
•
Bootstrap loading from Serial Host Interface or External Memory Interface
Table 1
Memory Configuration (Word width is 24 bits)
Part Type
Program
X Data
Y Data
Boot-strap
ROM
ROM
RAM
ROM
RAM
ROM
RAM
DSP560041
None
512
256
256
256
256
64
DSP56004ROM2
2560
256
256
256
256
256
64
Note:
1.
X data ROM is programmed with
log2x and 2
x tables; Y data ROM is programmed with a sine table.
2.
These ROMs may be factory programmed with data/program provided by the application developer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com