Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB70NF03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB70NF03L
Description  N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NF03L Datasheet(HTML) 4 Page - STMicroelectronics

  STB70NF03L_06 Datasheet HTML 1Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 2Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 3Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 4Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 5Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 6Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 7Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 8Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB70NF03L - STP70NF03L - STB70NF03L-1
4/15
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
ON/OFF states
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 250µA, VGS = 0
30
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
VDS = Max rating
TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 18V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS
ID = 250µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V
ID = 35A
VGS = 5 V
ID = 18A
0.0075
0.0135
0.0095
0.018
W
W
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
gfs
(*)
Forward
transconductance
VDS = 15V
ID =35A
25
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V f = 1 MHz VGS = 0
1440
560
135
pF
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com