Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T86
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T86 Datasheet HTML 1Page - STMicroelectronics M48T86 Datasheet HTML 2Page - STMicroelectronics M48T86 Datasheet HTML 3Page - STMicroelectronics M48T86 Datasheet HTML 4Page - STMicroelectronics M48T86 Datasheet HTML 5Page - STMicroelectronics M48T86 Datasheet HTML 6Page - STMicroelectronics M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
February 2007
Rev 5
1/36
1
M48T86
5.0 V PC real-time clock
Features
Drop-in replacement for PC computer
clock/calendar
Counts seconds, minutes, hours, days, day of
the week, date, month, and year with leap year
compensation
Clock accuracy better than
±1 minute per
month
Interfaced with software as 128 RAM locations:
– 14 bytes of clock and control registers
– 114 bytes of general purpose RAM
Selectable bus timing (Intel/Motorola)
Three interrupts are separately software-
maskable and testable
– Time-of-day alarm (once/second to
once/day)
– Periodic rates from 122µs to 500ms
– End-of-clock update cycle
Programmable square wave output
10 years of data retention and clock operation
in the absence of power
Self-contained battery and crystal in the caphat
dip package
Packaging includes a 28-lead SOIC and
Snaphat® top (to be ordered separately)
SOIC package provides direct connection for a
snaphat top contains the battery and crystal
Pin and function compatible with bq3285/7A
and DS12887
24
1
PCDIP24 (PC)
Battery/Crystal
CAPHAT
28
1
SNAPHAT (SH)
Battery/Crystal
SOH28 (MH)
www.st.com


Similar Part No. - M48T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
5V PC REAL TIME CLOCK
04-May-2000
M48T86 STMICROELECTRONICS-M48T86 Datasheet
320Kb / 36P
5.0 V PC real-time clock
05-Jul-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
5.0V PC Real-Time Clock
logo
STMicroelectronics
M48T86MH STMICROELECTRONICS-M48T86MH Datasheet
163Kb / 23P
5V PC REAL TIME CLOCK
04-May-2000
M48T86PC STMICROELECTRONICS-M48T86PC Datasheet
163Kb / 23P
5V PC REAL TIME CLOCK
04-May-2000
More results

Similar Description - M48T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
5V PC REAL TIME CLOCK
04-May-2000
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
logo
Epson Company
RTC-6593 EPSON-RTC-6593 Datasheet
40Kb / 1P
REAL TIME CLOCK MODULE FOR PC/AT
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
STMicroelectronics
M48T86_0707 STMICROELECTRONICS-M48T86_0707 Datasheet
320Kb / 36P
5.0 V PC real-time clock
05-Jul-2007
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
5.0V PC Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com