Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72C215G2M7 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST72C215G2M7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C215G2M7 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST72C215G2M7 Datasheet HTML 20Page - STMicroelectronics ST72C215G2M7 Datasheet HTML 21Page - STMicroelectronics ST72C215G2M7 Datasheet HTML 22Page - STMicroelectronics ST72C215G2M7 Datasheet HTML 23Page - STMicroelectronics ST72C215G2M7 Datasheet HTML 24Page - STMicroelectronics ST72C215G2M7 Datasheet HTML 25Page - STMicroelectronics ST72C215G2M7 Datasheet HTML 26Page - STMicroelectronics ST72C215G2M7 Datasheet HTML 27Page - STMicroelectronics ST72C215G2M7 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
24/140
7.6 MAIN CLOCK CONTROLLER (MCC)
The Main Clock Controller (MCC) supplies the
clock for the ST7 CPU and its internal peripherals.
It allows SLOW power saving mode to be man-
aged by the application.
All functions are managed by the Miscellaneous
register 1 (MISCR1).
The MCC block consists of:
s
A programmable CPU clock prescaler
s
A clock-out signal to supply external devices
The prescaler allows the selection of the main
clock frequency and is controlled by three bits of
the MISCR1: CP1, CP0 and SMS.
The clock-out capability consists of a dedicated
I/O port pin configurable as an fCPU clock output to
drive external devices. It is controlled by the MCO
bit in the MISCR1 register.
See Section 11 "MISCELLANEOUS REGIS-
TERS" on page 36 for more details.
Figure 14. Main Clock Controller (MCC) Block Diagram
DIV 2, 4, 8, 16
DIV 2
SMS
CP1 CP0
CPU CLOCK
MISCR1
CLOCK TO CAN
TO CPU AND
PERIPHERALS
fOSC
fCPU
MCO
PORT
FUNCTION
ALTERNATE
MCO
-
-
-
-
fOSC/2
PERIPHERAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com