| Electronic Components Datasheet Search |
|
STM706TM6F Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706TM6F Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 26 page ![]() STM706T/S/R; STM706P; STM708T/S/R 10/26 Interfacing to Microprocessors with Bi- directional Reset Pins Microprocessors with bi-directional reset pins can contend with the STM70x reset output. For exam- ple, if the reset output is driven high and the micro wants to pull it low, signal contention will result. To prevent this from occurring, connect a 4.7k Ω resis- tor between the reset output and the micro’s reset I/O as in Figure 12. Figure 12. Interfacing to Microprocessors with Bi-directional Reset I/O TYPICAL OPERATING CHARACTERISTICS Note: Typical values are at TA = 25°C. Figure 13. Supply Current vs. Temperature (no load) AI08845 STM70x RST GND 4.7k VCC Microprocessor RST Buffered Reset to other System Components GND VCC Temperature ( °C) AI09141b 0 5 10 15 20 25 30 –40 –20 0 20 40 60 80 100 120 VCC = 2.7V VCC = 3.0V VCC = 3.6V VCC = 4.5V VCC = 5.5V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |