Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM111 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSM111_03 Datasheet HTML 6Page - STMicroelectronics TSM111_03 Datasheet HTML 7Page - STMicroelectronics TSM111_03 Datasheet HTML 8Page - STMicroelectronics TSM111_03 Datasheet HTML 9Page - STMicroelectronics TSM111_03 Datasheet HTML 10Page - STMicroelectronics TSM111_03 Datasheet HTML 11Page - STMicroelectronics TSM111_03 Datasheet HTML 12Page - STMicroelectronics TSM111_03 Datasheet HTML 13Page - STMicroelectronics TSM111_03 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TSM111
10/17
SUPERVISORY CIRCUIT OPERATION
The system power ON/OFF logic is generated by
the PC, which is “Low” in system “On” condition
and “High” when the system is “Off”. This is con-
nected to remote pin 7.
The IC’s internal logic circuit generates a control
signal on pin 6. In normal operation, when there is
no over voltage or over current at the three inputs,
the voltage on pin 6 follows the Remote pin 7 volt-
age, i.e. if the remote pin 7 is low the pin 6 is also
low or vice versa.
When fault is detected on the inputs, control pin 6
goes “High”. This control pin 6 output can be used
to turn off the Mains Power Supply during fault
condition. An optocoupler is connected directly,
with cathode connected to the IC pin 6 and anode
to 5V (from STDBY supply).
In normal operation the voltage on pin 6 is (opto
cathode) is around 3.7 V. On the primary side the
opto transistor collector is pulled through a resistor
to Vref.
It is required to invert the signal before connecting
to the feedback compensation pin 6 of L5991A for
reverse logic. i.e during normal operation the com-
pensation pin is not affected and during fault con-
dition the pin is pulled Low. Slight delay (R34,C32)
is introduced on the primary side to avoid fault turn
on condition.
Note : Once the fault condition is removed, it is required to reset the
Remote pin to make the system function again.
BILL OF MATERIAL
The following are the bill of material for the 90W SMPS :
No
Part Number
Qt
Manufacturers
Remarks / Descriptions
ICs
1
L5991A
1
ST
Advanced PWM Controller
2
VIPer20 DIP
1
ST
Aux controller PWM+Mos
3
TSM111
1
ST
Triple Voltage and Current Supervisor
4
LM7912CV
1
ST
-12V Post Regulator
5
TL431
1
ST
Programmable Voltage Reference
MOSFETS
6
STP6NB80
1
ST
TO220 6A, 800V Mos
7
STP3020L
1
ST
TO220 22mohm 33V Mos
Rectifiers
8
BYV10-40
1
ST
1A, 40V or BYV10-60 or BYW100-200
9
BYW100-200
3
ST
1A, 100V or 200V, BYW100-100
10
STPS20L40CT
1
ST
2x10A, 40V or STPS2045CT or
STPS30L40CT
11
STSPS10L40CT
1
ST
2x5A, 40V
12
KAL04
1
-
3Amp 400VAC Bridge Rectifier or higher
13
1N4148
1
-
Transformers / Inductors
12
HM00-98 150
1
BI Tech. **
Aux Transformer
13
HM00-98151
1
BI Tech.
Main Transformer
14
HM00-98 148
1
BI Tech.
Coupled inductors
15
HM50-150K
1
BI Tech.
15uH inductors - output filter
16
HM11-51502
1
BI Tech.
2.2uH inductors - output filter
17
HM28-32022
1
BI Tech.
Common Mode choke - AC input filter
18
10uH
1
-
10uH inductors - output filter
Connectors
19
AC input conn
1
-
20
20-pin conn:
39-02-2200
1
Molex
20 pin output connector with terminals
Molex 39-00-0038
21
Fann connector
1
-
22
Fuse 3.5A
1
-
23
NTC
1
Siemens
2.2 ohm
24
TLP621 Optocoupler
3
Toshiba
100% transfer ratio
25
AC switch
1
-
26
115V-23oV selector
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com