Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD888T4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD888T4
Description  Medium Current, High Performance, Low Voltage PNP Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD888T4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD888T4 Datasheet HTML 2Page - STMicroelectronics STD888T4 Datasheet HTML 3Page - STMicroelectronics STD888T4 Datasheet HTML 4Page - STMicroelectronics STD888T4 Datasheet HTML 5Page - STMicroelectronics STD888T4 Datasheet HTML 6Page - STMicroelectronics STD888T4 Datasheet HTML 7Page - STMicroelectronics STD888T4 Datasheet HTML 8Page - STMicroelectronics STD888T4 Datasheet HTML 9Page - STMicroelectronics STD888T4 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STD888T4
Package mechanical data
7/10
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10