Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5565AVZ112R2 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC5565AVZ112R2
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AVZ112R2 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC5565AVZ112R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
44
3.13.9
eQADC SSI Timing
Figure 27. EQADC SSI Timing
Table 27. EQADC SSI Timing Characteristics (pads at 3.3V or at 5.0V) 1
1 SS timing specified at F
SYS = 132MHz, VDD = 1.35V to 1.65V, VDDEH = 3.0V to 5.5V, VDD33 and VDDSYN = 3.0V to 3.6V,
TA = TL to TH, and CL = 50pF with SRC = 0b11.
CLOAD = 25pF on all outputs. Pad drive strength set to maximum.
Num
Rating
Symbol
Min
Typ
Max
Unit
1
FCK Frequency 2, 3
2 Maximum operating frequency is highly dependent on track delays, master pad delays, and slave pad delays.
3 FCK duty is not 50% when it is generated through the division of the system clock by an odd number.
fFCK
1/17
—
1
/2f
SYS_CLK
2FCK Period (tFCK = 1/ fFCK)
tFCK
2—
17
tSYS_CLK
3
Clock (FCK) High Time
tFCKHT
tSYS_CLK − 6.5
—
9* tSYS_CLK + 6.5
ns
4
Clock (FCK) Low Time
tFCKLT
tSYS_CLK − 6.5
—
8* tSYS_CLK + 6.5
ns
5
SDS Lead/Lag Time
tSDS_LL
–7.5
—
+7.5
ns
6
SDO Lead/Lag Time
tSDO_LL
–7.5
—
+7.5
ns
7
EQADC Data Setup Time (Inputs)
tEQ_SU
22
—
—
ns
8
EQADC Data Hold Time (Inputs)
tEQ_HO
1—
—
ns
1st (MSB)
2nd
25th
26th
1st (MSB) 2nd
25th
26th
8
7
5
6
4
5
4
2
3
FCK
SDS
SDO
External Device Data Sample at
SDI
EQADC Data Sample at
FCK Falling Edge
FCK Rising Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com