Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGF7NB60SL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGF7NB60SL
Description  N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF7NB60SL Datasheet(HTML) 3 Page - STMicroelectronics

  STGF7NB60SL Datasheet HTML 1Page - STMicroelectronics STGF7NB60SL Datasheet HTML 2Page - STMicroelectronics STGF7NB60SL Datasheet HTML 3Page - STMicroelectronics STGF7NB60SL Datasheet HTML 4Page - STMicroelectronics STGF7NB60SL Datasheet HTML 5Page - STMicroelectronics STGF7NB60SL Datasheet HTML 6Page - STMicroelectronics STGF7NB60SL Datasheet HTML 7Page - STMicroelectronics STGF7NB60SL Datasheet HTML 8Page - STMicroelectronics STGF7NB60SL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STGF7NB60SL
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 7: Dynamic
Table 8: Switching On
Table 9: Switching Off
(**)Turn-off losses include also the tail of the collector current.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VCE = 15 V, IC= 7 A
5
S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VCE = 25V, f = 1 MHz, VGE = 0
800
60
10
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 480V, IC = 7 A,
VGE = 5V
(see Figure 20)
16
2.5
8.5
22
nC
nC
nC
ICL
Turn-Off SOA Minimum
Current
Vclamp = 480 V , Tj = 125°C
RG = 1 KΩ, VGE=5V
20
A
tscw
Short Circuit Withstand Time
Vce = 0.5 VBR(CES), VGE=5V,
Tj = 125°C , RG = 1KΩ
14
µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Current Rise Time
VCC = 480 V, IC = 7 A RG=1KΩ ,
VGE = 5 V
(see Figure 18)
1.1
0.25
µs
µs
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching Losses
VCC= 480 V, IC = 7 A RG=1KΩ
VGE = 5 V,Tj = 125°C
45
2.7
A/µs
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-over Time
Vcc = 480 V, IC = 7 A,
RGE = 1KΩ , VGE = 5 V
(see Figure 18)
2.7
µs
tr(Voff)
Off Voltage Rise Time
1.6
µs
td(off)
Delay Time
5.2
µs
tf
Current Fall Time
1.1
µs
Eoff(**)
Turn-off Switching Loss
4.1
mJ
tc
Cross-over Time
Vcc = 480 V, IC = 7 A,
RGE = 1KΩ , VGE = 5 V
Tj = 125 °C
(see Figure 18)
4.4
µs
tr(Voff)
Off Voltage Rise Time
2.4
µs
td(off)
Delay Time
6.4
µs
tf
Fall Time
1.7
µs
Eoff(**)
Turn-off Switching Loss
7.1
mJ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com