Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128HT85ZB5E Datasheet(PDF) 66 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 66 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 62Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 63Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 64Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 65Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 66Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 67Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 68Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 69Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
DC and AC parameters
M58LR128HT, M58LR128HB
66/112
Figure 14.
Clock input AC waveform
Table 24.
Synchronous Read AC characteristics(1) (2)
1.
Sampled only, not 100% tested.
2.
For other timings please refer to Table 23: Asynchronous Read AC characteristics.
Symbol
Alt
Parameter
M58LR128HT/L
Unit
85
tAVKH
tAVCLKH
Address Valid to Clock High
Min
7
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
7
ns
tELTV
Chip Enable Low to Wait Valid
Max
14
ns
tEHEL
Chip Enable Pulse Width
(subsequent synchronous reads)
Min
14
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
14
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
7
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
14
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3
ns
tLLKH
tADVLCLKH Latch Enable Low to Clock High
Min
7
ns
tKHKH
tCLK
Clock Period (f=54MHz)
Min
18.5
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
4.5
ns
tf
tr
Clock Fall or Rise Time
Max
3
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com