Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128HT85ZB5E Datasheet(PDF) 105 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 105 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 101Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 102Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 103Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 104Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 105Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 106Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 107Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 108Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
M58LR128HT, M58LR128HB
Command interface state tables
105/112
Table 43.
Command Interface states - modify table, next output state(1) (2)
Current CI State
Command Input
Read
Array
(3)
(FFh)
Program
Setup(4)
(5)
(10/40h)
Buffer
Program
(E8h)
Block
Erase,
Setup(4)
(5)
(20h)
BEFP
Setup
(80h)
Blank
Check
setup
(BCh)
Erase Confirm
P/E Resume,
Block Unlock
confirm, BEFP
Confirm(4)(5)
(D0h)
Blank
Check
confir
m
(CBh)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)
Program Setup
Status Register
Erase Setup
OTP Setup
Program Setup in
Erase Suspend
BEFP Setup
BEFP Busy
Buffer Program
Setup
Buffer Program
Load 1
Buffer Program
Load 2
Buffer Program
Confirm
Buffer Program
Setup in Erase
Suspend
Buffer Program
Load 1 in Erase
Suspend
Buffer Program
Load 2 in Erase
Suspend
Buffer Program
Confirm in Erase
Suspend
Blank Check setup
Lock/CR Setup
Lock/CR Setup in
Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com