Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128HT85ZB5F Datasheet(PDF) 54 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 50Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 51Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 52Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 53Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 54Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 55Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 56Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 57Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 112 page
background image
Program and erase times and endurance cycles
M58LR128HT, M58LR128HB
54/112
Erase
Parameter Block (16 KWord)
0.4
2.5
s
Main Block (64 KWord)
1
4
s
Program(3)
Single Word
Word Program
10
170
µs
Buffer Enhanced
Factory Program(4)
2.5
µs
Buffer (32 Words)
Buffer Program
80
µs
Buffer Enhanced
Factory Program
80
µs
Main Block (64
KWords)
Buffer Program
160
ms
Buffer Enhanced
Factory Program
160
ms
Bank (8 Mbits)
Buffer Program
1.28
s
Buffer Enhanced
Factory Program
1.28
s
Program/Erase Cycles
(per Block)
Main Blocks
1000 cycles
Parameter Blocks
2500 cycles
Blank Check
Main Blocks
16
ms
Parameter Blocks
4
ms
1.
TA = –25 to 85 °C; VDD = 1.7 V to 2 V; VDDQ = 1.7 V to 2 V.
2.
Values are liable to change with the external system-level overhead (command sequence and Status Register polling
execution).
3.
Excludes the time needed to execute the command sequence.
4.
This is an average value on the entire device.
Table 17.
Program/Erase times and endurance cycles(1) (2) (continued)
Parameter
Condition
Min
Typ
Typical after
100kW/E
Cycles
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com