Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVR1300N Datasheet(PDF) 2 Page - International Rectifier

Part # PVR1300N
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR1300N Datasheet(HTML) 2 Page - International Rectifier

  PVR1300N Datasheet HTML 1Page - International Rectifier PVR1300N Datasheet HTML 2Page - International Rectifier PVR1300N Datasheet HTML 3Page - International Rectifier PVR1300N Datasheet HTML 4Page - International Rectifier PVR1300N Datasheet HTML 5Page - International Rectifier PVR1300N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVR13N
2
www.irf.com
INPUT CHARACTERISTICS
Units
Minimum Control Current A Connection (see figure 1)
DC
For 400 Continuous Load Current
2.0
mA@25°C
For 360 Continuous Load Current
5.0
mA@40°C
For 250 Continuous Load Current
5.0
mA@85°C
Minimum Turn-Off Current
10
µA(DC)
Minimum Turn-Off Voltage
0.6
V(DC)
Control Current Range (Caution: current limit input LED. See figure 6)
2.0 to 25
mA(DC)
Maximum Reverse Voltage
7.0
V(DC)
Electrical Specifications (-40
°C ≤ T
A ≤ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS
Units
Dielectric Strength: Input-Output
1500
VRMS
Insulation Resistance: Input-Output @ 500VDC
1012
Ω
Maximum Capacitance: Input-Output
1.0
pF
Maximum Lead Soldering Temperature (1.6mm below seating plane for 10 sec.)
260
°C
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
OUTPUT CHARACTERISTICS
Units
Operating Voltage Range
±100
V(peak)
Maxiumum Load Current 40°C ILED = 5mA (see figure 1)
AC (A Connection)
360
mA (peak)
DC (B Connection)
420
mA(DC)
DC (C Connection)
660
mA(DC)
Response Time @25°C (see figures 7 and 8)
Maximum T(on) @ 12mA Control, 100 mA Load, 100 VDC
150
µs
Maximum T(off) @ 12mA Control, 100 mA Load, 100 VDC
70
µs
Maximum On-state Resistance 25°C (Pulsed) (fig. 2) 50 mA Load, 5mA Control
AC (A Connection)
5
Ω
DC (B Connection)
3.0
Ω
DC (C Connection)
1.5
Ω
Minimum Off-state Resistance 25°C
@ 80 VDC PVR1300
108
Ω
@ 80 VDC PVR1301
1010
Ω
Maximum Thermal Offset Voltage @ 5.0mA Control
0.2
µvolts
Minimum Off-State dv/dt
1000
V/µs
Typical Output Capacitance (see figure 9)
12
pF @ 50VDC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com