Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6225D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6225D
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225D Datasheet(HTML) 2 Page - STMicroelectronics

  L6225D Datasheet HTML 1Page - STMicroelectronics L6225D Datasheet HTML 2Page - STMicroelectronics L6225D Datasheet HTML 3Page - STMicroelectronics L6225D Datasheet HTML 4Page - STMicroelectronics L6225D Datasheet HTML 5Page - STMicroelectronics L6225D Datasheet HTML 6Page - STMicroelectronics L6225D Datasheet HTML 7Page - STMicroelectronics L6225D Datasheet HTML 8Page - STMicroelectronics L6225D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
L6225
2/20
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Test conditions
Value
Unit
VS
Supply Voltage
VSA = VSB = VS
60
V
VOD
Differential Voltage between
VSA, OUT1A, OUT2A, SENSEA and
VSB, OUT1B, OUT2B, SENSEB
VSA = VSB = VS = 60V;
VSENSEA = VSENSEB = GND
60
V
VBOOT
Bootstrap Peak Voltage
VSA = VSB = VS
VS + 10
V
VIN,VEN
Input and Enable Voltage Range
-0.3 to +7
V
VSENSEA,
VSENSEB
Voltage Range at pins SENSEA
and SENSEB
-1 to +4
V
IS(peak)
Pulsed Supply Current (for each
VS pin), internally limited by the
overcurrent protection
VSA = VSB = VS;
tPULSE < 1ms
3.55
A
IS
RMS Supply Current (for each
VS pin)
VSA = VSB = VS
1.4
A
Tstg, TOP
Storage and Operating
Temperature Range
-40 to 150
°C
Symbol
Parameter
Test Conditions
MIN
MAX
Unit
VS
Supply Voltage
VSA = VSB = VS
852
V
VOD
Differential Voltage Between
VSA, OUT1A, OUT2A, SENSEA and
VSB, OUT1B, OUT2B, SENSEB
VSA = VSB = VS;
VSENSEA = VSENSEB
52
V
VSENSEA,
VSENSEB
Voltage Range at pins SENSEA
and SENSEB
(pulsed tW < trr)
(DC)
-6
-1
6
1
V
V
IOUT
RMS Output Current
1.4
A
Tj
Operating Junction Temperature
-25
+125
°C
fsw
Switching Frequency
100
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com